Part Number Hot Search : 
R4000 VTD205 45M50B D452A OPI120TX SBR10 MRF898D ML720J8S
Product Description
Full Text Search
 

To Download 45681E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 119 AHT-DIN
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature, DIN-Based
FEATURES
* Polarized aluminum non-solid electrolyte electrolytic capacitors,
* Axial leads, cylindrical aluminum case, insulated with a blue sleeve
Fig.1 Component outlines
119 AHT-DIN 125 C
RoHS
COMPLIANT
* Mounting ring version not available in insulated form
120 ATC 125 C
smaller dimensions higher ripple
* Taped versions up to case O 15 x 30 mm available for automatic insertion * Charge and discharge proof * Extra long useful life: up to 8000 hours at 125 C, high stability, high reliability * Extended temperature range: 125 C (usable up to 150 C) * High ripple current capability * Lead (Pb)-free versions are RoHS compliant
smaller dimensions
118 AHT
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 150 C Endurance test at 125 C Useful life at 125 C Useful life at 40 C, 1.8 IR applied Shelf life at 0 V, 125 C: UR = 10 to 63 V UR = 100 and 200 V Based on sectional specification Climatic category IEC 60068 500 hours 100 hours IEC 60384-4/EN130300 55/125/56 6.5 x 18 to 10 x 25 VALUE 10 x 30 to 21 x 38
APPLICATIONS
* Military, industrial control, EDP and telecommunication * Smoothing, filtering, buffering in SMPS; coupling, decoupling * For use where low mounting height is important; vibration and shock resistant
4.7 to 4700 F - 10/+ 50 % 10 to 200 V - 55 to + 125 C 500 hours 2000 hours 4000 hours 500 hours 4000 hours 8000 hours
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (T for - 10 to + 50 %) * Rated voltage (in V) at 125 C and 85 C * Date code, in accordance with IEC 60062 * Code for factory of origin * Name of manufacturer * Band to indicate the negative terminal * `+' sign to identify the positive terminal * Series number (119)
500 000 hours 100 0000 hours
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 4.7 10 22 47 68 100 150 www.vishay.com 234 UR (V) 10 6.5 x 18 16 6.5 x 18 8 x 18 25 6.5 x 18 10 x 18 40 8 x 18 10 x 25 12.5 x 30 63 6.5 x 18 8 x 18 10 x 18 10 x 30 10 x 30 15 x 30 100 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 15 x 30 200 10 x 18 10 x 25 -
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28335 Revision: 09-May-08
119 AHT-DIN
Aluminum Capacitors Axial High Temperature, DIN-Based
Vishay BCcomponents
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 220 330 470 680 1000 1500 2200 3300 4700 UR (V) 10 10 x 18 10 x 25 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 30 18 x 38 21 x 38 16 10 x 25 12.5 x 30 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 21 x 38 25 10 x 25 12.5 x 30 12.5 x 30 12.5 x 30 18 x 30 18 x 30 18 x 38 21 x 38 40 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 21 x 38 63 15 x 30 18 x 30 18 x 38 21 x 38 21 x 38 100 18 x 30 18 x 38 21 x 38 200 -
DIMENSIONS IN MILLIMETERS AND AVAILABLE FORMS
73 1.6 OD L Od
I L 33 1
OD
+
Form BR: Taped on reel case O D x L = 6.5 x 18 to 15 x 30 mm Form BA: Taped in box (ammopack) case O D x L = 6.5 x 18 to 10 x 25 mm
F
F
Form AA: Axial in box case O D x L = 10 x 30 to 21 x 38 mm
Fig.2 Forms BA and BR
Table 1
Fig.3 Form AA
AXIAL; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 CASE CODE 4 5 6 7 00 01 02 03 04 05 Od 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 AXIAL FORM AA, BA, and BR O I Lmax. Fmin. Dmax. 6.9 18.5 25 8.5 18.5 25 10.5 18.5 25 10.5 25.5 30 55 1 10.5 30.5 35 55 1 13.0 30.5 35 55 1 15.5 30.5 35 55 1 18.5 30.5 35 34 1 18.5 39.5 44 34 1 21.5 39.5 44 MASS (g) 1.3 1.7 2.5 3.3 4.8 7.4 11.7 12.9 19.0 24.0 PACKAGING QUANTITIES FORM FORM FORM AA BA BR 1000 1000 500 500 500 500 500 500 340 500 260 400 200 250 120 125 100 -
Note Detailed tape dimensions see section `PACKAGING'. Document Number: 28335 Revision: 09-May-08 For technical questions, contact: aluminumcaps1@vishay.com www.vishay.com 235
119 AHT-DIN
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature, DIN-Based
D 120 C (3 x) D3 90 2 (3 x) 1.05 + 0.03 (3 x) - 0.1 d2 1.3 + 0.1 (3 x) 0 Mounting holes O d1 Case O D x L = 15 x 30 to 21 x 38 mm Case not insulated (insulation on request) Especially for applications with severe shocks and vibrations O D2 1.3 + 0 (3 x) - 0.05 3.6 + 0.2 - 0.2 L
+ 1.0 - 0.5
Fig.4
Mounting hole digram and outline; Form MR: With mounting ring and pins
Table 2
MOUNTING RING; DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 15 x 30 18 x 30 18 x 38 21 x 38 CASE CODE 02 03 04 05 MOUNTING RING: FORM MR O d1 0.8 0.8 0.8 0.8 O d2 1.0 + 0.4 1.0 + 0.4 1.0 + 0.4 1.0 + 0.4 O Dmax. 15.5 18.5 18.5 21.5 O. D2max 17.5 19.5 19.5 22.5 D3 16.5 0.2 18.5 0.2 18.5 0.2 21.5 0.2 Lmax. 33 33 42 42 MASS (g) 8.6 11.5 14.0 19.2 PACKAGING QUANTITIES 200 240 100 100
ELECTRICAL DATA
SYMBOL CR IR IL1 IL5 tan ESR Z Note Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. DESCRIPTION rated capacitance at 100 Hz, tolerance - 10/+ 50 % rated RMS ripple current at 100 Hz, 125 C max. leakage current after 1 minute at UR max. leakage current after 5 minutes at UR max. dissipation factor at 100 Hz equivalent series resistance at 100 Hz (calculated from tan max. and CR) max. impedance at 10 kHz
ORDERING EXAMPLE
Electrolytic capacitor 119 series 470 F/16 V; - 10/+ 50 % Nominal case size: O 12.5 x 30 mm; Form BR Ordering code: MAL211925471E3 Former 12NC: 2222 119 25471
www.vishay.com 236
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28335 Revision: 09-May-08
119 AHT-DIN
Aluminum Capacitors Axial High Temperature, DIN-Based
Table 2
Vishay BCcomponents
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) NOMINAL CR CASE SIZE 100 Hz ODxL (F) (mm) 100 220 470 470 10 680 1000 1500 2200 3300 4700 47 100 220 330 16 470 680 1000 1500 2200 3300 4700 22 100 220 220 25 330 470 680 1000 1500 2200 47 100 150 220 40 330 470 680 1000 1500 2200 6.5 x 18 10 x 18 10 x 25 12.5 x 30 12.5 x 30 15 x 30 18 x 30 18 x 30 18 x 38 21 x 38 6.5 x 18 8 x 18 10 x 25 12.5 x 30 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 21 x 38 6.5 x 18 10 x 18 10 x 25 12.5 x 30 12.5 x 30 12.5 x 30 18 x 30 18 x 30 18 x 38 21 x 38 8 x 18 10 x 25 12.5 x 30 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 21 x 38 CASE CODE 4 6 7 01 01 02 03 03 04 05 4 5 7 01 01 02 02 03 04 05 05 4 6 7 01 01 01 03 03 04 05 5 7 01 01 02 02 03 04 05 05 IR 100 Hz 125 C (mA) 130 240 380 550 640 830 1100 1190 1550 1700 110 170 300 560 570 750 850 1120 1440 1650 1710 85 210 350 500 580 630 990 1090 1420 1550 150 260 440 500 630 720 970 1250 1410 1550 IL5 ESR IL1 Tan 100 Hz 1 min 5 min 100 Hz () (A) (A) 10 17 32 32 45 64 94 136 202 286 10 14 25 36 50 69 100 148 215 321 455 10 19 37 37 54 75 106 154 229 334 15 28 40 57 83 117 167 244 364 532 6 8.4 13 13 18 24 34 48 70 90 5.5 7.2 11 15 19 26 36 52 74 110 154 5.1 9 15 15 21 28 38 54 79 114 7.8 12 16 22 30 42 58 84 124 180 0.2 0.18 0.18 0.16 0.20 0.20 0.22 0.26 0.27 0.30 0.13 0.13 0.13 0.13 0.15 0.15 0.19 0.20 0.20 0.22 0.28 0.10 0.10 0.10 0.09 0.11 0.13 0.13 0.13 0.13 0.13 0.08 0.08 0.08 0.09 0.09 0.12 0.12 0.12 0.14 0.18 3.5 1.3 0.61 0.54 0.47 0.32 0.23 0.19 0.13 0.10 4.4 2.1 0.94 0.63 0.51 0.35 0.30 0.21 0.14 0.11 0.09 7.2 1.6 0.72 0.65 0.53 0.44 0.30 0.21 0.14 0.11 2.7 1.3 0.85 0.65 0.43 0.41 0.28 0.19 0.15 0.13 Z 10 kHz () 2.2 1.0 0.49 0.38 0.38 0.24 0.17 0.17 0.10 0.09 2.2 1.3 0.55 0.38 0.38 0.24 0.24 0.17 0.10 0.09 0.09 3.2 1.0 0.58 0.38 0.38 0.38 0.17 0.17 0.10 0.09 1.5 0.7 0.51 0.48 0.37 0.37 0.22 0.14 0.12 0.11 ORDERING CODE MAL2119....... IN BOX FORM AA 14471E3 14681E3 90032E3 14152E3 14222E3 14332E3 14472E3 15331E3 15471E3 15681E3 15102E3 15152E3 15222E3 15332E3 15472E3 16221E3 16331E3 16471E3 16681E3 16102E3 16152E3 16222E3 17151E3 17221E3 17331E3 17471E3 17681E3 17102E3 17152E3 17222E3 TAPED ON REEL FORM BR 24101E3 24221E3 90501E3 24471E3 24681E3 24102E3 25479E3 25101E3 25221E3 25331E3 25471E3 25681E3 25102E3 26229E3 26101E3 90503E3 26221E3 26331E3 26471E3 27479E3 27101E3 27151E3 27221E3 27331E3 27471E3 TAPED IN BOX FORM BA 34101E3 34221E3 90502E3 35479E3 35101E3 35221E3 36229E3 36101E3 90504E3 37479E3 37101E3 MOUNTING RING FORM MR 44102E3 44152E3 44222E3 44332E3 44472E3 45681E3 45102E3 45152E3 45222E3 45332E3 45472E3 46681E3 46102E3 46152E3 46222E3 47331E3 47471E3 47681E3 47102E3 47152E3 47222E3
Document Number: 28335 Revision: 09-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 237
119 AHT-DIN
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature, DIN-Based
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) NOMINAL CR CASE SIZE 100 Hz ODxL (F) (mm) 10 22 47 68 68 63 100 150 220 330 470 680 1000 4.7 10 22 47 47 100 68 100 150 220 330 470 200 4.7 10 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 10 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 21 x 38 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 15 x 30 18 x 30 18 x 38 21 x 38 10 x 18 10 x 25 CASE CODE 4 5 6 7 00 00 02 02 03 04 05 05 4 5 6 7 00 01 02 02 03 04 05 6 7 IR 100 Hz 125 C (mA) 68 110 180 230 300 360 560 640 880 1130 1290 1430 44 70 112 178 240 330 440 520 710 920 1070 52 82 IL5 ESR IL1 Tan 100 Hz 1 min 5 min 100 Hz () (A) (A) 20 20 22 30 30 42 61 87 129 182 261 382 20 20 20 32 32 45 64 94 136 202 286 20 20 5.3 6.7 9.9 13 13 17 23 32 46 63 90 130 10 10 10 13 13 18 24 34 48 70 98 10 10 0.07 0.07 0.07 0.07 0.07 0.08 0.08 0.08 0.09 0.09 0.09 0.10 0.08 0.08 0.08 0.08 0.08 0.08 0.09 0.10 0.10 0.10 0.10 0.08 0.08 11 5.1 2.4 1.6 1.6 1.3 0.85 0.58 0.43 0.30 0.21 0.16 27 13 5.8 2.7 2.7 1.9 1.4 1.1 0.72 0.48 0.34 27 13 Z 10 kHz () 5.6 2.8 1.3 1.0 0.92 0.75 0.37 0.37 0.23 0.15 0.12 0.11 10 6.0 3.5 2.0 2.0 1.2 0.96 0.78 0.55 0.37 0.28 10 5.0 ORDERING CODE MAL2119....... IN BOX FORM AA 18689E3 18101E3 18151E3 18221E3 18331E3 18471E3 18681E3 18102E3 19479E3 19689E3 19101E3 19151E3 19221E3 19331E3 19471E3 TAPED ON REEL FORM BR 28109E3 28229E3 28479E3 90505E3 28689E3 28101E3 28151E3 28221E3 29478E3 29109E3 29229E3 90518E3 29479E3 29689E3 29101E3 29151E3 90507E3 90509E3 TAPED IN BOX FORM BA 38109E3 38229E3 38479E3 90506E3 39478E3 39109E3 39229E3 90519E3 90508E3 90511E3 MOUNTING RING FORM MR 48151E3 48221E3 48331E3 48471E3 48681E3 48102E3 49101E3 49151E3 49221E3 49331E3 49471E3 -
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage Reverse voltage Current Leakage current CONDITIONS VALUE AXIAL Us 1.15 x UR Urev 1 V After 1 minute: UR = 10 to 40 V UR = 63 V to 200 V After 5 minutes: UR = 10 to 63 V UR = 100 and 200 V Inductance www.vishay.com 238 For technical questions, contact: aluminumcaps1@vishay.com Document Number: 28335 Revision: 09-May-08 MOUNTING RING
IL1 0.006 CR x UR + 4 A, or 10 A (whichever is greater) IL1 0.006 CR x UR + 4 A, or 20 A (whichever is greater) IL5 0.002 CR x UR + 4 A IL5 0.002 CR x UR + 4 A, or 10 A (whichever is greater)
119 AHT-DIN
Aluminum Capacitors Axial High Temperature, DIN-Based
ADDITIONAL ELECTRICAL DATA
PARAMETER Equivalent series inductance (ESL) CONDITIONS Case O D x L mm: 6.5 x 18 8 x 18 10 x 18 10 x 25 10 x 30 12.5 x 30 15 x 30 18 x 30 18 x 38 21 x 38 VALUE AXIAL typ. 15 nH typ. 35 nH typ. 69 nH typ. 38 nH typ. 38 nH typ. 46 nH typ. 48 nH typ. 50 nH typ. 54 nH typ. 59 nH MOUNTING RING typ. 39 nH typ. 39 nH typ. 39 nH typ. 39 nH
Vishay BCcomponents
Table 3
UPRATING VALUES AT REDUCED AMBIENT TEMPERATURE
SYMBOL UR UR2 Note 1. For applications at ambient temperatures of 85 C, the rated voltage (UR) may be raised to UR2. CONDITIONS Tamb > 85 to 125 C Tamb 85 C 10 16 16 25 25 40 VALUES 40 63 63 100 100 125 200 250 UNIT V V
CAPACITANCE (C)
1.2 C C0 1.1 1.0 0.9 1 0.8 2 0.7 0.6 3 - 60 - 40 - 20 0 20 40 60 80 Curve 1: 63 to 200 V Curve 2: 25 V; 40 V Curve 3: 10 V;16 V 100 120 140 160 Tamb (C)
0.6 0.5 10 0.7 Curve 1: 63 to 200 V Curve 2: 40 V Curve 1: 25 V Curve 1: 16 V Curve 1: 10 V 10 2 10 3 f (Hz) 10 4 1.1
3 2 1
C C0 1.0 0.9 0.8
5 1 1 2 3 4 5
C0 = capacitance at 20 C, 100 Hz
C0 = capacitance at 20 C, 100 Hz
Fig.5 Typical multiplier of capacitance as a function of ambient temperature
Fig.6 Typical multiplier of capacitance as a function of ambient temperature
Document Number: 28335 Revision: 09-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 239
119 AHT-DIN
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature, DIN-Based
EQUIVALENT SERIES RESISTANCE (ESR)
102 ESR ESR 0 10
2 1
102 Curve 1: 25 to 200 V Curve 2: 10 V; 16 V ESR ESR 0 10
2 1
Curve 1: 25 to 100 V Curve 2: 10 V; 16 V
1
1 2
1
1 2
10 -1 - 100 - 50 0 50 100 150 Case O D x L = 6.5 x 18 to 15 x 30 mm ESR0 = typical at 20 C, 100 Hz
10 -1 - 100 - 50 0 50 100 150 Case O D x L = 18 x 30 to 21 x 38 mm ESR0 = typical at 20 C, 100 Hz
Fig.7 Typical multiplier of ESR as a function of ambient temperature
2.0 ESR ESR 0 1.6 3 4 1.2 1 2 Curve 1: 63 V (< 10 F) and 200 V Curve 2: 63 V (< 10 F) and 100 V Curve 3: 25 V; 40 V Curve 4: 10 V; 16 V
Fig.8 Typical multiplier of ESR as a function of ambient temperature
1.4 ESR ESR0 1.2 1.0 0.8 0.6 1 2 3 Curve 1: 10 V Curve 2: 16 V; 25 V Curve 3: 40 V to100 V
3 2 1
0.8 4 3 2 1 0 10 10 2 10 3 10 4 f (Hz) 10 5 Case O D x L = 6.5 x 18 to 10 x 25 mm ESR0 = typical at 20 C, 100 Hz
0.4 0.2 0 10 10 2 10 3 10 4 f (Hz) 10 5 Case O D x L = 10 x 30 to 21 x 38 mm ESR0 = typical at 20 C, 100 Hz
0.4
Fig.9 Typical multiplier of ESR as a function of frequency
Fig.10 Typical multiplier of ESR as a function of frequency
103
IMPEDANCE (Z)
10 Z () 10 1 2 10 3 Curve 1: 22 F Curve 2: 47 F Curve 3: 100 F
Z () 102 1 2 3 10
Curve 1: 100 F Curve 2: 220 F Curve 3:470 F
1
1
10-1 10 102 103 104 105 106 f (Hz) 107
10-1 10 102 103 104 105 106 f (Hz) 107
Tamb (C)
Case O D x L = 8 x 18 mm
Case O D x L = 8 x 18 mm
Fig.11 Typical impedance as a function of frequency
Fig.12 Typical impedance as a function of frequency
www.vishay.com 240
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28335 Revision: 09-May-08
119 AHT-DIN
Aluminum Capacitors Axial High Temperature, DIN-Based
IMPEDANCE (Z)
103 Z () 102 1 2 3 4 5 Curve 1: 150 F; 40 V Curve 2: 220 F; 40 V; 25 V Curve 3: 330 F; 25 V; 16 V Curve 4: 470 F; 25 V; 16 V; 10 V Curve 5: 680 F;10 V 103 Z () 102 1 2 3 4 5 Curve 1: 150 F; 40 V Curve 2: 220 F; 40 V; 25 V Curve 3: 330 F; 25 V; 16 V Curve 4: 470 F; 25 V; 16 V; 10 V Curve 5: 680 F;10 V
Vishay BCcomponents
10
10
1
1
10-1 10 10
2
10-1 10
3
10
4
10
5
10 f (Hz) 10 Tamb 40 C
6
7
10
102
103
104
105
106 f (Hz) 107 Tamb 20 C
Case O D x L = 12.5 x 30 mm
Case O D x L = 18 x 30 mm
Fig.13 Typical impedance as a function of frequency
Fig.14 Typical impedance as a function of frequency
103 Z () 102 Curve 1: 150 F; 40 V Curve 2: 220 F; 40 V; 25 V Curve 3: 330 F; 25 V; 16 V Curve 4: 470 F; 25 V; 16 V; 10 V Curve 5: 680 F;10 V 1 10 2 3 4 5
102 Z ()
1
10
2 3 4 5
Curve 1: 330 F; 63 V Curve 2: 680 F; 40 V; 25 V Curve 3: 1000 F; 25 V Curve 4: 1500 F; 16 V; 10 V Curve 5: 2200 F;10 V
1
1
10-1
10-1 10 102 103 104 105 106 f (Hz) 107 Tamb 20 C
10-2 10 102 103 104 105
7 106 f (Hz) 10
Case O D x L = 12.5 x 30 mm
Case O D x L = 18 x 30 mm
Tamb 20 C
Fig.15 Typical impedance as a function of frequency
Fig.16 Typical impedance as a function of frequency
Document Number: 28335 Revision: 09-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 241
119 AHT-DIN
Vishay BCcomponents
Aluminum Capacitors Axial High Temperature, DIN-Based
RIPPLE CURRENT AND USEFUL LIFE
MBC242 IA IR 4.3 4.2 4.1 4.0 3.9 3.8 3.7 3.6 3.5 3.4 3.3 3.2 3.1 3.0 lifetime multiplier 2.8
MBC242
1. 0 1.
2.6
5 2. 0
2.4
3. 0 4. 0
2.2
6. 0 8. 0
2.0
12
1.8
20 30
1.6
60
1.4
10
IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz, 125 C (1) Useful life at 125 C and I applied: R case D x L = 6.5 x 18 to 10 x 25 mm: 4000 hours case D x L = 10 x 30 to 21 x 38 mm: 8000 hours
1.2 1.0 0.8 0.5 0.0 40
0
(1)
20 0 40 0
50 60 70 80 90 100 110 120
130
Tamb (C)
Fig.17 Multiplier of useful life as a function of ambient temperature and ripple current load
Table 4
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 300 1000 3000 10 000 IR MULTIPLIER UR = 10 and 16 V 0.95 1.00 1.07 1.12 1.15 1.20 UR = 25 and 40 V 0.90 1.00 1.12 1.20 1.25 1.30 UR = 63 to 200 V 0.85 1.00 1.20 1.30 1.35 1.40
www.vishay.com 242
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28335 Revision: 09-May-08
119 AHT-DIN
Aluminum Capacitors Axial High Temperature, DIN-Based
Vishay BCcomponents
Table 5
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 125 C; UR applied; Case O D x L = 6.5 x 18 to 10 x 25 mm: 2000 hours; Case O D x L = 10 x 30 to 21 x 38 mm: 4000 hours Tamb = 125 C; UR and IR applied; Case O D x L = 6.5 x 18 to 10 x 25 mm: 4000 hours; Case O D x L = 10 x 30 to 21 x 38 mm: 8000 hours REQUIREMENTS C/C: 15 % tan 1.3 x spec. limit Z 2 x spec. limit IL5 spec. limit C/C: 45 % tan 3 x spec. limit Z 3 x spec. limit IL5 spec. limit no short or open circuit total failure percentage: 1 % (200 V 3 %) Shelf life (storage at high temperature) IEC 60384-4/ EN130300 subclause 4.17 Tamb = 125 C; no voltage applied; UR = 10 to 63 V: 500 hours; UR = 100 and 200 V: 100 hours After test: UR to be applied for 30 minutes, 24 to 48 hours before measurement Reverse voltage IEC 60384-4/ EN130300 subclause 4.15 Tamb = 125 C: 125 hours at U = - 1 V followed by 125 hours at UR C/C, tan , Z: for requirements see `Endurance test' above IL5 2 x spec. limit C/C: 20 % tan spec. limit IL5 spec. limit
Useful life
CECC 30301 subclause 1.8.1
Document Number: 28335 Revision: 09-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 243
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 45681E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X